Part Number Hot Search : 
M4100 2SK678 ACE24LC1 74F50729 TZA1000 DLW5BT 2SC5646A 3083MZ
Product Description
Full Text Search
 

To Download SBM545LSS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 september 12,2013-rev.00 SBM545LSS ultra low vf schottky rectifier voltage 45 volt 5 ampere features ? ultra low forward voltage drop, low power losses ? high efficiency operation ? lead free in comply with eu rohs 2011/65/eu directives mechanical data case : do-201ad molded plastic terminals : axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode weight : 0.04 ounces, 1.142 grams. current maximum ratings(t a =25 o c unless otherwise noted) note: 1.thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, p.c.b. mounted with 10cm x 10cm x 2pcs copper pads. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 45 v maximum rms voltage v rms 32 v maximum dc blocking voltage v r 45 v maximum average forward rectified current i f(av) 5a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 120 a typical thermal resistance (note 1) r ? ja r ? jl 32 14 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c 1.0(25.4)min. 0.052(1.3) 0.048(1.2) 0.375(9.5) 0.285(7.2) 1.0(25.4)min. 0.210(5.3) 0.188(4.8) 1 2 cathode anode free datasheet http:///
page . 2 september 12,2013-rev.00 SBM545LSS 0 1 2 3 4 5 6 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.01 0.1 1 10 100 20 40 60 80 100 i r , reverse current (ma) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 10000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 0 0.2 0.4 0.6 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c electrical characteristics(t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit breakdown voltage v br i r =0.5ma 45 - - v instantaneous forward voltage v f i f =1a i f =3a i f =5a t j =25 o c - - - 0.32 0.38 0.43 - - 0.49 v i f =1a i f =3a t j =125 o c - - 0.23 0.32 - - v reverse current i r v r =36v t j =25 o c- 25 - ? a v r =45v t j =25 o c t j =125 o c - - - 7 210 - ? a ma free datasheet http:///
page . 3 september 12,2013-rev.00 SBM545LSS part no_packing code_version SBM545LSS_ay_00001 SBM545LSS_ay_10001 SBM545LSS_b0_00001 SBM545LSS_b0_10001 SBM545LSS_r2_00001 SBM545LSS_r2_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d free datasheet http:///
page . 4 september 12,2013-rev.00 SBM545LSS disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of SBM545LSS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X